|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC TM Micro Commercial Components omponents 20736 Marilla Street Chatsworth !"# $ % !"# GBJ35005 THRU GBJ3510 35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts GBJ I A H Features Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information) Low forward voltage drop, high current capability. Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 Ideal for printed circuit board Maximum Ratings * * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C UL Recognized File # E165989 Maximum Reccurrent Peak Reverse Voltage GBJ35005 GBJ35005 50V GBJ3501 100V GBJ3501 GBJ3502 GBJ3502 200V GBJ3504 GBJ3504 400V GBJ3506 GBJ3506 600V GBJ3508 GBJ3508 800V GBJ3510 GBJ3510 1000V MCC Catalog Number Device Marking Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V D F B E G + P L C M N O O DIMENSIONS K J Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical thermal resistance Typical Junction Capacitance Notes: IF(AV) IFSM VF 35 A 350A Tc = 100C 8.3ms, half sine IFM = 17.5 A TJ = 25C 1.05V 10 A 500uA 0.6C/W 85 pF IR TJ = 25C TJ= 125C DIM A B C D E F G H I J K L M N O P INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150 MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170 MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80 MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20 NOTE R OJC CJ Measured at 1.0MHz, VR=4.0V 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 ~ ~ Case Type www.mccsemi.com Revision: 3 1 of 3 2008/01/30 RATING AND CHARACTERISTIC CURVES GBJ35005 thru GBJ3510 MCC Micro Commercial Components PEAK FORWARD SURGE CURRENT, AMPERES TM FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 35 WITH HEATSINK FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 400 300 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 200 WITHOUT HEATSINK 100 Single Half-Sine-Wave (JEDEC METHOD) 0 0 1 2 5 10 20 40 60 80 100 120 140 20 50 100 CASE TEMPERATURE , C NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 FIG.4 - TYPICAL FORWARD CHARACTERISTICS 100 10 CAPACITANCE , (pF) 100 TJ = 25 C 1.0 10 0.1 TJ = 25 C, f = 1MHz PULSE WIDTH 300us 1.0 1.0 4.0 10.0 100 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 REVERSE VOLTAGE , VOLTS INSTANTANEOUS FORWARD VOLTAGE , VOLTS FIG.5 - TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA) 100 TJ = 125 C TJ = 100 C 10 1.0 TJ = 50 C TJ = 25 C 0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) www.mccsemi.com Revision: 3 2 of 3 2008/01/30 MCC Micro Commercial Components TM Ordering Information Device (Part Number)-BP Packing Bulk;15pcs/Tube ***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications. www.mccsemi.com Revision: 3 3 of 3 2008/01/30 |
Price & Availability of GBJ35005 |